Part Number Hot Search : 
A66CTI ICE1QS01 B105K X906CP 23M050 H1036 TS431BCS DTA114E
Product Description
Full Text Search
 

To Download 2N2905A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LAB
MECHANICAL DATA Dimensions in mm (inches)
8.89 (0.35) 9.40 (0.37) 7.75 (0.305) 8.51 (0.335)
SEME
2N2905A
HIGH SPEED MEDIUM POWER PNP SWITCHING TRANSISTOR
FEATURES
* SILICON PLANAR EPITAXIAL PNP TRANSISTOR
4.19 (0.165) 4.95 (0.195)
12.70 (0.500) min.
0.89 max. (0.035) 7.75 (0.305) 8.51 (0.335) dia.
5.08 (0.200) typ.
* HIGH SPEED SATURATED SWITCHING * ALSO AVAILABLE IN CERAMIC SURFACE MOUNT PACKAGE
2 1
0.66 (0.026) 1.14 (0.045) 0.71 (0.028) 0.86 (0.034)
2.54 (0.100)
3
* CECC SCREENING OPTIONS * SPACE QUALITY LEVELS OPTIONS
45
TO39 METAL PACKAGE
Underside View PIN 1 - Emitter PIN 2 - Base PIN 3 - Collector
ABSOLUTE MAXIMUM RATINGS (TA = 25C unless otherwise stated)
VCBO VCEO VEBO IC PD PD TJ , TSTG RqJA RqJC Collector - Base Voltage Collector - Emitter Voltage Emitter - Base Voltage Collector Current Continuous Total Device Dissipation @ TA = 25C Derate above 25C Total Device Dissipation @ TC = 25C Derate above 25C Operating and Storage Junction Temperature Range -60V -60V -5V 600mA 600mW 3.43mW / C 3W 17.2mW / C -65 to +200C
THERMAL CHARACTERISTICS
Thermal Resistance, Junction to Ambient Thermal Resistance, Junction to Case
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. Website: http://www.semelab.co.uk E-mail: sales@semelab.co.uk
292C/W 58C/w
Prelim. 6/99
Semelab plc.
LAB
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise stated)
Parameter
V(BR)CEO V(BR)CBO V(BR)EBO ICEX ICBO IB
1
SEME
2N2905A
Test Conditions
IB = 0 IE = 0 IC = 0 VBE = -0.5V VCB = -50V TA = 150C VCE = -30V IC = -150mA IC = -500mA IC = -150mA IC = -500mA IC = -0.1mA IC = -1mA VBE = -0.5V IB = -15mA IB = -50mA IB = -15mA IC = -50mA VCE = -10V VCE = -10V VCE = -10V VCE = -10V 1 VCE = -10V VCE = -20V
1
Min.
-60 -60 -5
Typ.
Max. Unit
V
OFF CHARACTERISTICS Collector - Emitter Breakdown Voltage IC = -10mA Collector - Base Breakdown Voltage Emitter - Base Breakdown Voltage Collector Cut-off Current Collector Cut-off Current Base Current ON CHARACTERISTICS IC = -10mA IE = -10mA VCE = -30V IE = 0
V V -50 -0.01 -10 -50 -0.4 -1.6 -1.3 -2.6
mA
nA
nA
VCE(sat)1 VBE(sat)
Collector - Emitter Saturation Voltage Base - Emitter Saturation Voltage
V V
75 100 100 100 50 300 --
hFE
DC Current Gain
IC = -10mA IC = -150mA IC = -500mA
SMALL SIGNAL CHARACTERISTICS fT Cob Cib Transition Frequency 2 Output Capacitance Input Capacitance SWITCHING CHARACTERISTICS Turn-On Time Delay Time Rise Time Turn-Off Time Storage Time Fall Time IC = -50mA f = 100MHz VCB = -10V IE = 0 f = 1.0MHz VBE = -2V f = 1.0MHz VCC = -30V IC = -150mA IB1 = -15mA VCC = -6V IC = -150mA IB1 = IB2 = -15mA 26 6 20 70 50 20 IC = 0 200 8 30 MHz pF pF
ton td tr toff ts tf
45 10 40 100 80 30 ns ns
NOTES:
1) Pulse test: tp 300ms , d 2% 2) fT is defined as the frequency at which hFE extrapolates to unity.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. Website: http://www.semelab.co.uk E-mail: sales@semelab.co.uk
Prelim. 6/99


▲Up To Search▲   

 
Price & Availability of 2N2905A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X